Part Number Hot Search : 
XCB170 C68HC70 B3010 SM5964A 5NCQ10KE RTL8306 ADF41 BUX85
Product Description
Full Text Search
 

To Download TM12864FCA6SPEC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
      
                    t m 1 28 6 4 f c a 6            
    
   
    
   
    
     
                

     
           !  "  #    
   $% #  
       

      fs            
             
                      white     !  "   #     re $  % & !  %    '  (     )     6:00  ,%- .   &*'
  &/     *   .        none  2  . 
.  3
 #    %%   42    *++5)+2+2678++5!229  5  $     5 !    /:   #     +;,+      #      +;*+  +:  #   < $      =       - =         56*'    "  + /6+,,7##9    ! .          +''6+*+7##9  '> .   ++                    

   )* +'# ' !     !        c  a  6       modification code        a : re         no               c : w hi te     
                   
 
  
 !     
          
 , ' -# !                                         
 .#' +/!'!   ? # 
#3 - - = @  < #  ! 
(   ( (
 +  *+ 02%(   (   ,+ (  :   #    <      + ;,+     #    <   
  + ;*+   2                            
 0# #     '    *1   .      ? # 
#3 - 
 - = @  
(   709 ( (
 '4, ,+ ,, ( 
(   702% 9 (   *  ( a. (  ( b,+  +5( ( ;+  ( ?     (   0 (  ( b,+  +  +(  ( 
   709 ?    ,  #) 
   702% 9 ?    ,  #)                    
 *? $    ! 
#3 0 %     $  * #  # & - * #  #- ) %  1 %'  ,  .1 '# # # * 234 .  5   # * 2542#4 0 6 76* 7
 8*
  '   9 6: 76* # (  ;  76*  # '  < -1 76*   1 $1 -$ 76*   $ $$ -& 76*   & $& -) 76*   ) $) -, 76*   , $, -. 76*   . $. -0 76*   0 $0 -9 76*   9 $9  -  n / c  n o c on ne cti on  $;  -  n/c  no connection     
 * ? $  #2.                                       mpu interface characteristic symbol min typ max unit e cycle t c 1000 - - ns e high level width t wh 450 - - ns e low level width t wl 450 - - ns e rise time t r --25ns e fall time t f --25ns address set-up time t asu 140 - - ns address hold time t ah 10 - - ns data set-up time t dsu 200 - - ns data delay time t d - - 320 ns data hold time (write) t dhw 10 - - ns data hold time (read) t dhr 20 - - ns e r/w cs1b, cs2b cs3, rs db0-7 fig 1. mpu write timing 2.0v 0.8v t c t wl t wh t r t f t asu t ah t asu t ah t dsu t dhw 0.8v 2.0v
                                        e r/w cs1b,cs2b cs3, rs db0 ~db7 fig 2. mpu read timing t c t wl t wh t r t f t asu t asu t ah t ah t d t dhr
 *'?  2                                            the display control instructions control the internal state of the ks0108b. instruction is received from mpu to ks0108b for the display control. the following table shows various instructions. instruction rs r/w db7 db6 db5 db4 db3 db2 db1 db0 function display on/off l l l l h h h h h l/h controls the display on or off. internal status and display ram data is not affected. l:off, h:on set address (y address) l l l h sets the y address in the y address counter. set page ( x address) l l h l h h h sets the x address at the x address register. display start line (z address) l l h h indicates the display data ram displayed at the top of the screen. status read l h b u s y l o n / o f f r e s e t l l l l read status. busy l: ready h: in operation on/off l: display on h: display off reset l: normal h: reset write display data h l writes data (db0:7) into display data ram. after writing instruction, y address is increased by 1 automatically. read display data h h reads data (db0:7) from display data ram to the data bus. y address (0~63) page (0~7) display start line (0~63) write data read data
 9 #    4:  2.     b,  ? # 
#3 2  - 
 - = @     b+   2 +    3 +  ( )    2  2   b+   +    +    2   <  2    b+   b+  +          ++ <   #   $$    b+   b+    ++ #                     
 4 $ $:  2.     4 $ $( )    # # 4 $ $2   <   
 
   
 
       

   - 2           9)#3   #    , c9d # $ e 
 *'a"  4  $ $<   #   #    b   ;   $$ #    b   ;         - 2          9:  (   *(   9d # $ e 
*'a"  
 ;##  52  $<  3
       b,     ? # 2  $          a. #        1     
 . ..     #   $  #  *+  /*a  0 #        1     
 .      #   $  #  +  /*a  a. #    :   1     
 .      7%      9  .  . #     .   #  $  #   ,+  /*a ' 0 #    :   1     
 .        #   $  #  +  /*a , a. #    &a#
    1     
 . .. #    ...#
    $  #  '+  /+f  1     
 .  .. #   
   + , *+ ,  +#  ,#   +#  ,#   
  + &*+  +
  4 (3    7    9 1     
 .  %3     +a"g,+a"h ,+#&  h '+#  5 .   7    9 1     
 . .     a $  % h ++#&  h # / ) #.  !     1     
 .  #.       3
  '+!  *a      
 5d  i#  2     ? # 2  ? #  ',*45/ d  i #  2     $             : $ . 3  $  1     $        : $ .       $   - .    $     : $ . # .    $    :   2.              : $ .    $     d   # $  5 < #      $  b :    $  ; - .    $                 
 <>?*@a**  ?   1= #     )   b,  7  .   9 - - = @  ?0 )j0 1=   (  ?   @  #  #  
.   h .     3  
 02,#  ) =) ?? - k + - , 
  $   @  #  #  
.   h 
    ) = ?? - k + - ,  - k $   :  #  ##h. h  #  h0         -  $   : .        #  $# 55                    
 $1'  ?* +'#  +a !     + .  
     #   $      3k       # .   .3
 $# ..  h   +?$ . 
   #    . e
 3       h3      

# .h$ . 3  #      .
 . h# 
 . $$     +   
 = % $   . 
$   .  k     .#
   .    % 
  +'.  " %  . 
$  $ . 02# $   
 . a   . "   $
   +,?$ . 
$   # h3 .  . $     
    . $ 
 .?$  # 
 h#  .  . $ . $%      ?
 .       1 .
 .         %    .  .  .  #    3%  #
  #   .   "    1  
h   . $         >   8    )# %   +*  #    #3  . 02-  +4?$ .   $$h  
 .        +5 %     $ .   #  3
    
h3   $  #    ## %#            . 3
. .  . 02-        3 e $  #3
h.  h# 3  
             .  #  $     
    h       #3
  .  
                    . 02-   . $#    . 
$      .  $$ .  % $#     
#
 3      
 +                    +>.   . 02# h % =    .   . . $$    # +. 02# .3     .     #      ?$ .  02 #   3     $   # h .   ##      #    +  '+  <  % 
.#
 5+f + . 02# .3    . # .  h    . #$  +  .  02 #  . 3   $   %   .    h   . % = %   h  h  #  .                                 
  / ?   #   $     $    ? # 2   2   0        #  < 3   )  . #  #   > "  .#     #     - =  $     ! "   33 3    "    l+ ## + ## +,##   . $  "  )  . #  #     - =     6l+## +## 6 +,##     7%   9 6b7 ;39&    - =         7%   9  l++## ++## ++,## 3 +##  - =    7 9    ! %        #       
  /- ?   #   $
 $    ? # 2   2   :  #   ##   #  .    #  >%      #  2     %  )  . #  #  2  )  . #  #     - =     6l+## +## 6 +##   6b7 ;39&    - =          ! .       #   7:9     )l+##  +## ) +## l+,##      - =         - =     6l+## +## 6 +##      7%   9  6b7 ;39&    - =          7%   9  l++## ++## ++,## 3 +,##     - =    7 9   
  /- ?   #   $
 $  7  9  ? # 2   2      - = $     = +## +## = +##  =b7 ;39&    - = $       +##  +## +## m+        - =   $                  $ #  $ #       - = $     +5> >   b#  %  $ . >b# %  $ .    


▲Up To Search▲   

 
Price & Availability of TM12864FCA6SPEC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X